Part Number Hot Search : 
2SK192 910511 ACT8310 L6205D KL07ES SL1505 LM324A HV9112X
Product Description
Full Text Search
 

To Download 1N5255 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Micro Commercial Components
TM
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
1N5221 THRU 1N5267
500 mW Zener Diode 2.4 to 75 Volts
DO-35
Features
* * * * * Wide Voltage Range Available Glass Package High Temp Soldering: 260C for 10 Seconds At Terminals Marking : Cathode band and type number Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information) Moisture Sensitivity: Level 1 per J-STD-020C
*
Maximum Ratings
* * * * * Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C 500 mWatt DC Power Dissipation Power Derating: 4.0mW/C above 50C Forward Voltage @ 200mA: 1.1 Volts
Figure 1 - Typical Capacitance 100
D
A Cathode Mark
pf
10
At zero volts At -2 Volts V R
D
B
1 0 100 VZ Typical Capacitance (pf) - versus - Zener voltage (VZ) Figure 2 - Derating Curve 200
C
400
DIMENSIONS
mW 200
DIM A B C D
INCHES MIN ------1.000
MAX .166 .079 .020 ---
MM MIN ------25.40
MAX 4.2 2.00 .52 ---
NOTE
50 100 150 Temperature C Power Dissipation (mW) - Versus - Temperature C 0
Note: 1. Lead in Glass Exemption Applied, see EU Directive Annex 5.
Revision: 7
www.mccsemi.com
1 of 5
2009/01/19
1N5221 thru 1N5267
ELECTRICAL CHARACTERISTICS @25C
MCC PART NUMBER 1N5221 1N5222 1N5223 1N5224 1N5225 1N5226 1N5227 1N5228 1N5229 1N5230 1N5231 1N5232 1N5233 1N5234 1N5235 1N5236 1N5237 1N5238 1N5239 1N5240 1N5241 1N5242 1N5243 1N5244 1N5245 1N5246 1N5247 1N5248 1N5249 1N5250 1N5251 1N5252 1N5253 1N5254 1N5255 1N5256 1N5257 1N5258 1N5259 1N5260 1N5261 1N5262 1N5263 1N5264 1N5265 1N5266 1N5267 NOMINAL ZENER VOLTAGE VZ @ IZT VOLTS 2.4 2.5 2.7 2.8 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 43 47 51 56 60 62 68 75 TEST CURRENT I ZT mA 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 9.0 8.5 7.8 7.4 7.0 6.6 6.2 5.6 5.2 5.0 4.6 4.5 4.2 3.8 3.4 3.2 3.0 2.7 2.5 2.2 2.1 2.0 1.8 1.7 MAXIMUM ZENER IMPEDANCE `B' SUFFIX ONLY Z ZT @ IZT Z ZK @I ZK = 0.25mA OHMS OHMS 30 30 30 30 29 28 24 23 22 19 17 11 7.0 7.0 5.0 6.0 8.0 8.0 10 17 22 30 13 15 16 17 19 21 23 25 29 33 35 41 44 49 58 70 80 93 105 125 150 170 185 230 270 1200 1250 1300 1400 1600 1600 1700 1900 2000 1900 1600 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 900 1000 1100 1300 1400 1400 1600 1700
MCC
Micro Commercial Components
MAXIMUM REVERSE LEAKAGE CURRENT IR @ VR A VOLTS 100 100 75 75 50 25 15 10 5.0 5.0 5.0 5.0 5.0 5.0 3.0 3.0 3.0 3.0 3.0 3.0 2.0 1.0 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 3.0 3.5 4.0 5.0 6.0 6.5 6.5 7.0 8.0 8.4 9.1 9.9 10 11 12 13 14 14 15 17 18 19 21 21 23 25 27 30 33 36 39 43 46 47 52 56 MAX. ZENER VOLTAGE TEMP COEFFICIENT `B' SUFFIX ONLY % / C -0.085 -0.085 -0.080 -0.080 -0.075 -0.070 -0.065 -0.060 0.055 0.030 0.030 +0.038 +0.038 +0.045 +0.050 +0.058 +0.062 +0.065 +0.068 +0.075 +0.076 +0.077 +0.079 +0.082 +0.082 +0.083 +0.084 +0.085 +0.086 +0.086 +0.087 +0.088 +0.089 +0.090 +0.091 +0.091 +0.092 +0.093 +0.094 +0.095 +0.095 +0.096 +0.096 +0.097 +0.097 +0.097 +0.098
TM
NOTE 1: Table as shown lists type numbers, which indicate a tolerance of 20% with guaranteed limits on only Vz, IR, and V F. Devices with guaranteed limits on all six parameters are indicated by suffix "A" for 10%, "B" for 5%, "C" for 2% tolerance NOTE 2: The electrical characteristics are measured after allowing the device to stabilize for 20 seconds. NOTE 3: Temperature coefficient (aVZ). Test conditions for temperature coefficient are as follows: a. IZT = 7.5mA, TI = 25oC T2 = 125oC (1N5221 thru 1N5242) b. IZT = Rated IZT , TI = 25oC, T2 = 125oC (1N5243 thru 1N5267) Device to be temperature stabilized with current applied prior to reading breakdown voltage at the specified ambient temperature.
Revision: 7
www.mccsemi.com
2 of 5
2009/01/19
1N5221 thru 1N5267 1N
Figure 1 Zener Voltage versus Zener Current - Vz =1 thru 16 Volts 20 10
MCC
Micro Commercial Components
TA=25
TM
1 mA 0.1
0.01 1 1
2
3
4
5
6
7
8 VOLTS
9
10
11
12
13
14
15
16
IZ , ZENER CURRENT - mA VZ , ZENER VOLTAGE - V
Figure 2 Zener Voltage versus Zener Current - Vz =15 thru 30 Volts 20 10
1 mA 0.1
TA=25
0.01 15
16
17
18
19
20
21
22 VOLTS
23
24
25
26
27
28
29
30
IZ , ZEBER CURRENT - mA VZ , ZENER VOLTAGE - V
Revision: 7
www.mccsemi.com
3 of 5
2009/01/19
1N5221 thru 1N5267
Figure 3 Zener Voltage versus Zener Current - Vz =30 thru 75 Volts 20 10
MCC
Micro Commercial Components
TA=25
TM
1 mA 0.1
0.01 30
35
40
45
50
55
60
65 VOLTS
70
75
80
85
90
95
100
105
IZ , ZENER CURRENT - mA VZ , ZENER VOLTAGE - V Figure4 Thermal resistance from junction to ambient as a function of pulse duration
10
3
=1 0.75 0.50 0.33 102 Rth j-a(K/W) 0.20 0.10 0.05 0.02 0.01 10 0.001
1
10-1
1
10 tp(ms)
10
2
10
3
104
105
Revision: 7
www.mccsemi.com
4 of 5
2009/01/19
MCC
Micro Commercial Components
TM
Ordering Information
Device (Part Number)-TP (Part Number)-AP (Part Number)-BP Packing Tape&Reel; 10Kpcs/Reel Ammo Packing;5Kpcs/AmmoBox Bulk;500pcs/Bag
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 7
5 of 5
2009/01/19
3


▲Up To Search▲   

 
Price & Availability of 1N5255

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X